bristol, pa 19007-6810 usa tel (215) 781-9956 ? fax (215) 781-9845 printouts of this document may be out of date and should be considered uncontrolled ? info@arieselec.com www.arieselec.com features ? a ries dip programmable headers offer unusual versatility for programming within the header itself ? t hey can be individually programmed using cutters or aries programming tool, p/n t-675, available separately, to remove the interconnecting sections. consult data sheet 22002 for aries programming tool ? a djacent and/or opposing pins are interconnected until the pre-slotted section is programmed out. an almost infinite number of programs can be attained by merely leaving or removing interconnecting sections ? a low profile, snap-on cover protects header from dirt or accidental damage, and can be marked to identify the program within the header general specifications ? standard header body and cover : black ul 94v-0 4/6 nylon ? pins : brass 3/4-hard ? pin plating : -t 200 [5.08] min. matte sn per astm b545-97 2004e1 over 50 [1.27] min. ni per qq-n-290; -g 10 [0.25] au per mil- g-45204 over 50 [1.27] min. ni per qq-n-290; -tl 200 [5.08] 90/10 sn/pb per mil-t-10727 type i over 50 [1.27] min. ni per qq-n- 290 ? current rating : 2 amps ? operating temperature : 221f [105c] sn or sn/pb plating; 257f [125c] au plating mounting considerations ? suggested pcb hole size : 0.035 0.002 [0.89 0.05] dia. 16004 rev. aa series 675 dip program headers pins 8 , 14 & 16 only * series style 1 90 or 191 (see dwg) * consult factory for other sizes ordering information xx - 675 - 19x x plating n one = a u t = s n t l = s n/pb customization : in addition to the standard products shown on this page, aries specializes in custom design and production. special materials, platings, sizes, and configurations can be furnished, depending on the quantity. note : aries reserves the right to change product general specifications without notice. all dimensions: inches [millimeters] all tolerances: 0.005 [0.13] unless otherwise specified a = (no. of pins per row x 0.100 [2.54]) + 0.050 [1.27] b = (no. of pins per row -1) x 0.100 [2.54] covers available for 8-, 14- and 16-pin headers. to order, specify p/n xx-650-10, where xx denotes the number of pins. consult data sheet 12033 for additional informa - tion. consult factory for other sizes and configurations
|